Part Number Hot Search : 
UHE1A222 BD202F HV20822X STUS030 AM29F04 DSPIC 1N6376 CSA970
Product Description
Full Text Search
 

To Download BA9710KV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Regulator ICs
4-channel switching regulator
BA9710KV
The BA9710KV, a 4-channel switching regulator that uses a pulse width modulation (PWM) system, can drive all channel PNP transistors directly. Channels 2 and 3 can be used for motor control because protection circuits are not built in. FApplications VCRs and other portable equipment FFeatures 1) Reference voltage precision is 1%. 2) Output stages are based on the push-pull method (resembling the totem-pole method), and ON and OFF currents can be set independently. FAbsolute maximum ratings (Ta = 25_C)
3) Triangular waves can be externally synchronized. 4) Pins allow ON / OFF control of channels 3 and 4, or all channels at once.
FRecommended operating conditions (Ta = 25_C)
301
Regulator ICs
FBlock diagram
BA9710KV
302
Regulator ICs
FPin descriptions
BA9710KV
303
Regulator ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 6V)
BA9710KV
304
Regulator ICs
BA9710KV
FReference data (unless otherwise noted, Ta = 25_C and VCC = 6V)
305
Regulator ICs
FElectrical characteristic curves
BA9710KV
FExternal dimensions (Units: mm)
306


▲Up To Search▲   

 
Price & Availability of BA9710KV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X